| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CXP87452 bảng dữ liệu(PDF) 7 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXP87452 bảng dữ liệu(HTML) 7 Page - Sony Corporation |
|
7 / 32 page ![]() – 7 – CXP87452/87460 PK0/OSCO RST MP AVDD AVREF AVSS VDD VSS Input/output I/O Input Input Connecting pin of crystal oscillator for system clock. When supplying the external clock, input the external clock to EXTAL pin and input opposite phase clock to XTAL pin. Input port. (Mask option) System reset pin of active "L" level. RST pin is I/O pin, which output "L" level by incorporated power on reset function when power on. (Mask option) Microprocessor mode input pin. Always connect to GND. Positive power supply pin of A/D converter. Reference voltage input pin of A/D converter. GND pin of A/D converter. Positive power supply pin. GND pin. Connect both Vss pins to GND. Connecting pin of crystal oscillation circuit for general purpose prescaler. (Mask opiton) XTAL EXTAL Output Input Symbol I/O Description |