| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CXP-85228A bảng dữ liệu(PDF) 6 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXP-85228A bảng dữ liệu(HTML) 6 Page - Sony Corporation |
|
6 / 20 page ![]() – 6 – CXP85112B/85116B, CXP85220A/85224A/85228A/85232A Symbol EXLC XLC EXTAL XTAL RST MP VDD Vss Input Output Input Output I/O Input Clock oscillation I/Os for CRT display. Oscillation frequency is set using the external L and C. Crystai connectors for system clock oscillation. When the clock is supplied externally, input to EXTAL; opposite phase clock should be input to XTAL. Low-level active, system reset. RST is an I/O, from whlch Low level is output when the built-in power-on reset function is activated at the rise of power on. (Mask option) Microprocessor mode input. For this device, this pin must be grounded. Vcc supply. GND. Both Vss must be grounded. I/O Description |