công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CXP-85220A bảng dữ liệu(PDF) 6 Page - Sony Corporation

tên linh kiện CXP-85220A
Giải thích chi tiết về linh kiện  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONY [Sony Corporation]
Trang chủ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85220A bảng dữ liệu(HTML) 6 Page - Sony Corporation

Back Button CXP-85220A Datasheet HTML 2Page - Sony Corporation CXP-85220A Datasheet HTML 3Page - Sony Corporation CXP-85220A Datasheet HTML 4Page - Sony Corporation CXP-85220A Datasheet HTML 5Page - Sony Corporation CXP-85220A Datasheet HTML 6Page - Sony Corporation CXP-85220A Datasheet HTML 7Page - Sony Corporation CXP-85220A Datasheet HTML 8Page - Sony Corporation CXP-85220A Datasheet HTML 9Page - Sony Corporation CXP-85220A Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
– 6 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
Symbol
EXLC
XLC
EXTAL
XTAL
RST
MP
VDD
Vss
Input
Output
Input
Output
I/O
Input
Clock oscillation I/Os for CRT display.
Oscillation frequency is set using the external L and C.
Crystai connectors for system clock oscillation. When the clock is
supplied externally, input to EXTAL; opposite phase clock should be
input to XTAL.
Low-level active, system reset. RST is an I/O, from whlch Low level is
output when the built-in power-on reset function is activated at the rise
of power on. (Mask option)
Microprocessor mode input. For this device, this pin must be grounded.
Vcc supply.
GND. Both Vss must be grounded.
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20