| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24256-DF bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24256-DF bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 41 page ![]() M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF Instructions Doc ID 6757 Rev 28 15/41 5.1.1 Byte Write After the device select code and the address bytes, the bus master sends one data byte. If the addressed location is Write-protected, by Write Control (WC) being driven high, the device replies with NoAck, and the location is not modified. If, instead, the addressed location is not Write-protected, the device replies with Ack. The bus master terminates the transfer by generating a Stop condition, as shown in Figure 7. Figure 7. Write mode sequences with WC = 0 (data write enabled) Byte Write Dev sel Byte addr Byte addr Data in WC Page Write Dev sel Byte addr Byte addr Data in 1 WC Data in 2 AI01106d Page Write (cont'd) WC (cont'd) Data in N ACK R/W ACK ACK ACK ACK ACK ACK ACK R/W ACK ACK |