công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SRI4K bảng dữ liệu(PDF) 32 Page - STMicroelectronics

tên linh kiện SRI4K
Giải thích chi tiết về linh kiện  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI4K bảng dữ liệu(HTML) 32 Page - STMicroelectronics

Back Button SRI4K_11 Datasheet HTML 28Page - STMicroelectronics SRI4K_11 Datasheet HTML 29Page - STMicroelectronics SRI4K_11 Datasheet HTML 30Page - STMicroelectronics SRI4K_11 Datasheet HTML 31Page - STMicroelectronics SRI4K_11 Datasheet HTML 32Page - STMicroelectronics SRI4K_11 Datasheet HTML 33Page - STMicroelectronics SRI4K_11 Datasheet HTML 34Page - STMicroelectronics SRI4K_11 Datasheet HTML 35Page - STMicroelectronics SRI4K_11 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
SRI4K commands
SRI4K
32/46
Doc 11605 Rev 5
8.5
Completion() command
Command code = 0Fh
On receiving the Completion() command, an SRI4K in Selected state switches to
Deactivated state and stops decoding any new commands. The SRI4K is then locked in this
state until a complete reset (tag out of the field range). A new SRI4K can thus be accessed
through a Select() command without having to remove the previous one from the field. The
Completion() command does not generate a response.
All SRI4K devices not in Selected state ignore the Completion() command.
Figure 35.
Completion request format
Request parameters:
●
No parameter
Figure 36.
Completion response format
Figure 37.
Completion frame exchange between reader and SRI4K
SOF
Completion
CRCL
CRCH
EOF
AI07679b
0Fh
8 bits
8 bits
AI07680
No Response
SOF
0Fh
CRCL
CRCH EOF
AI10888
Reader
SRI4K
No Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46