công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95320-DR bảng dữ liệu(PDF) 21 Page - STMicroelectronics

tên linh kiện M95320-DR
Giải thích chi tiết về linh kiện  32-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-DR bảng dữ liệu(HTML) 21 Page - STMicroelectronics

Back Button M95320-DR Datasheet HTML 17Page - STMicroelectronics M95320-DR Datasheet HTML 18Page - STMicroelectronics M95320-DR Datasheet HTML 19Page - STMicroelectronics M95320-DR Datasheet HTML 20Page - STMicroelectronics M95320-DR Datasheet HTML 21Page - STMicroelectronics M95320-DR Datasheet HTML 22Page - STMicroelectronics M95320-DR Datasheet HTML 23Page - STMicroelectronics M95320-DR Datasheet HTML 24Page - STMicroelectronics M95320-DR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
M95320-W M95320-R M95320-DR
Instructions
Doc ID 5711 Rev 14
21/48
Driving the Chip Select (S) signal high at a byte boundary of the input data triggers the self-
timed Write cycle that takes tW to complete (as specified in AC tables under Section 9: DC
and AC parameters).
While the Write Status Register cycle is in progress, the Status Register may still be read to
check the value of the Write in progress (WIP) bit: the WIP bit is 1 during the self-timed
Write cycle tW, and 0 when the Write cycle is complete. The WEL bit (Write Enable Latch) is
also reset at the end of the Write cycle tW.
The Write Status Register (WRSR) instruction enables the user to change the values of the
BP1, BP0 and SRWD bits:
The Block Protect (BP1, BP0) bits define the size of the area that is to be treated as
read-only, as defined in Table 2.
The SRWD (Status Register Write Disable) bit, in accordance with the signal read on
the Write Protect pin (W), enables the user to set or reset the Write protection mode of
the Status Register itself, as defined in Table 7. When in Write-protected mode, the
Write Status Register (WRSR) instruction is not executed.
The contents of the SRWD and BP1, BP0 bits are updated after the completion of the
WRSR instruction, including the tW Write cycle.
The Write Status Register (WRSR) instruction has no effect on the b6, b5, b4, b1, b0 bits in
the Status Register. Bits b6, b5, b4 are always read as 0.
The protection features of the device are summarized in Table 7.
When the Status Register Write Disable (SRWD) bit in the Status Register is 0 (its initial
delivery state), it is possible to write to the Status Register (provided that the WEL bit has
previously been set by a WREN instruction), regardless of the logic level applied on the
Write Protect (W) input pin.
Table 7.
Protection modes
W
signal
SRWD
bit
Mode
Write protection of the
Status Register
Memory content
Protected area(1)
1.
As defined by the values in the Block Protect (BP1, BP0) bits of the Status Register. See Table 2.
Unprotected area(1)
10
Software-
protected
(SPM)
Status Register is
writable (if the WREN
instruction has set the
WEL bit).
The values in the BP1
and BP0 bits can be
changed.
Write-protected
Ready to accept
Write instructions
00
11
01
Hardware-
protected
(HPM)
Status Register is
Hardware write-
protected.
The values in the BP1
and BP0 bits cannot be
changed.
Write-protected
Ready to accept
Write instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48