| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24M01-DF bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24M01-DF bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 38 page ![]() M24M01-R M24M01-DF Device operation Doc ID 12943 Rev 10 11/38 4 Device operation The device supports the I2C protocol. This is summarized in Figure 6. Any device that sends data on to the bus is defined to be a transmitter, and any device that reads the data to be a receiver. The device that controls the data transfer is known as the bus master, and the other as the slave device. A data transfer can only be initiated by the bus master, which will also provide the serial clock for synchronization. The device is always a slave in all communications. Figure 6. I2C bus protocol SCL SDA SCL SDA SDA START Condition SDA Input SDA Change AI00792B STOP Condition 1 23 7 89 MSB ACK START Condition SCL 1 23 7 89 MSB ACK STOP Condition |