| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24LR16E-R bảng dữ liệu(PDF) 88 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24LR16E-R bảng dữ liệu(HTML) 88 Page - STMicroelectronics |
|
88 / 143 page ![]() Command codes M24LR16E-R 88/143 Doc ID 018932 Rev 8 When configuring in the RF Write in progress mode, the RF WIP/BUSY pin is tied to 0 during the Write & verify sequence, as shown in Figure 57. Figure 57. M24LR16 RF-Wip management following Write command MS19762V1 S O F Write command E O F S O F Ireply M24LR16 E O F 1) M24LR16 replies. RF_Wip is released after M24LR16 response. RF_Wip S O F Write command E O F E O F 2) M24LR16 replies when option flag is set. RF_Wip is released after M24LR16 response. RF_Wip Wt Wt t1 S O F Ireply M24LR16 E O F 3) VCD sends a forbidden Write (sector lock, password-protected). RF_Wip is released after M24LR16 command. S O F Write command E O F S O F Ireply M24LR16 E O F t1 RF_Wip |