| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C08-X bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C08-X bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 37 page ![]() DC and AC parameters M24C08-x M24C04-x M24C02-x M24C01-x 20/37 Doc ID 5067 Rev 18 6 DC and AC parameters This section summarizes the operating and measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristic tables that follow are derived from tests performed under the measurement conditions summarized in the relevant tables. Designers should check that the operating conditions in their circuit match the measurement conditions when relying on the quoted parameters. Table 6. Operating conditions (M24Cxx-W) Symbol Parameter Min. Max. Unit VCC Supply voltage 2.5 5.5 V Ambient operating temperature –40 85 °C Table 7. Operating conditions (M24Cxx-R) Symbol Parameter Min. Max. Unit VCC Supply voltage 1.8 5.5 V Ambient operating temperature –40 85 °C Table 8. Operating conditions (M24Cxx-F) Symbol Parameter Min. Max. Unit VCC Supply voltage 1.7 5.5 V Ambient operating temperature –20 85 °C |