| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9558 bảng dữ liệu(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9558 bảng dữ liệu(HTML) 39 Page - Analog Devices |
|
39 / 104 page ![]() Data Sheet AD9558 Rev. A | Page 39 of 104 A channel can be programmed to ignore the sync function by setting the mask Channel x sync bits in Register 0x0500[7:4]. When programmed to ignore the sync, the channel ignores both the user initiated sync signal and the zero delay initiated sync signals, and the channel divider starts toggling, provided that the APLL is calibrated and locked, or if the APLL locked controlled sync bit (Register 0x0405[3]) is set. If the output SYNC function is to be controlled using an M pin, use the following steps: 1. First, enable the M pins by writing Register 0x0200 = 0x01. 2. Issue an I/O update (Register 0x0005 = 0x01). 3. Set the appropriate M pin function. If this process is not followed, a SYNC pulse is issued automatically. |