công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-CCM004V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-CCM004V1
Giải thích chi tiết về linh kiện  TFT LCD panel controller board for the STM3220G-EVAL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCM004V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-CCM004V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCM004V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCM004V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCM004V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-CCM004V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For further information contact your local STMicroelectronics sales office.
July 2012
Doc ID 023320 Rev 1
1/5
5
STEVAL-CCM004V1
TFT LCD panel controller board for the STM3220G-EVAL
Data brief
Features
■ Direct RGB signal driving using the STM32
without on-chip controller requirements
■ STM3220G-EVAL based plug-in
daughterboard for feature extensibility
■ Ready-to-use graphic library APIs for easy GUI
design
■ Real-time camera image streaming to
showcase driver performance
■ Onboard constant current drive circuit for an
LED based TFT-LCD backlight
■ Static image display with refresh rate of 60
frames per second
■ RoHS compliant
Description
The STEVAL-CCM004V1 TFT-LCD panel
controller is designed to be connected to the
STM3220G-EVAL evalutation kit to demonstrate
the capabilities of the STM32F2x high
performance flexible static memory interface
(FSMC) for a driving TFT-LCD.
The 3.5” QVGA resolution TFT-LCD panel is
interfaced with the STM32 FSMC peripheral.
www.st.com


Số phần tương tự - STEVAL-CCM004V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-CCM001V1 STMICROELECTRONICS-STEVAL-CCM001V1 Datasheet
252Kb / 5P
Digital photo frame demonstration board based on the STM32F103RB microcontroller
21-Nov-2008
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
Graphic panel demonstration board based on the STM32
03-Mar-2010
STEVAL-CCM006V1 STMICROELECTRONICS-STEVAL-CCM006V1 Datasheet
721Kb / 7P
STM32-based NAND Flash driver evaluation board (without TFT)
11-Nov-2013
More results

Mô tả tương tự - STEVAL-CCM004V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN75LVDS88 TI-SN75LVDS88 Datasheet
149Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88A TI-SN75LVDS88A Datasheet
150Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88B TI-SN75LVDS88B Datasheet
150Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
logo
Samsung semiconductor
LT104S1-101 SAMSUNG-LT104S1-101 Datasheet
1Mb / 19P
TFT LCD Panel Display
logo
Toshiba Semiconductor
BT6K48-AS TOSHIBA-BT6K48-AS Datasheet
184Kb / 18P
Gate Driver for TFT LCD Panel
JBT6L78-AS TOSHIBA-JBT6L78-AS Datasheet
164Kb / 14P
Gate Driver for TFT LCD Panel
logo
Sharp Corporation
IR3Y26A SHARP-IR3Y26A Datasheet
1,022Kb / 31P
THE INTERFACE IC FOR TFT LCD PANEL
logo
STMicroelectronics
STM3220G-EVAL STMICROELECTRONICS-STM3220G-EVAL Datasheet
233Kb / 3P
STM3220G-EVAL evaluation board
24-Mar-2011
logo
Purdy Electronics Corpo...
AND-TFT-35VX-UHB-TS PURDY-AND-TFT-35VX-UHB-TS Datasheet
2Mb / 6P
TFT LCD Touch Panel
logo
BEYONDINFINITE
BI19AVTL BEYONDINFINITE-BI19AVTL Datasheet
1,017Kb / 9P
This board is mainly designed for TFT LCD PANEL
More results


Html Pages

1 2 3 4 5