| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F4-NETMF bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F4-NETMF bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 3 page ![]() For further information contact your local STMicroelectronics sales office. September 2012 Doc ID 023588 Rev 2 1/3 3 STM32F4-NETMF Microsoft .NET Micro Framework environment for STM32F4 microcontrollers Data brief Features ■ STM3240G-ETH/NMF evaluation board – STM32F407VG MCU – Ethernet connector and embedded lwIP Stack: HTTP, TCP, UDP, DHCP, ICMP (no separate Ethernet module needed) – 8 Gadgeteer sockets for: GPIO (34x), CAN, SPI (2x), I2C, UART (4x), AD (3x), DA, PWM (3x) – Integrated micro USB connector (no separate USB client module needed) – 2 pushbutton switches (Reset and User) – Embedded 8-MByte Flash memory (SPI) – Power LED (green) and RGB User LED – Serial Wire Debug (SWD) and boot mode selection on the manufacturer-specific connector (Z) – Low power modes – 100 % open source hardware and software Figure 1. STM3240G-ETH/NMF evaluation board ■ STM3240G-USB/NMF evaluation board – STM32F407VG MCU – 9 Gadgeteer sockets for: GPIO (34x), CAN, SPI (2x), I2C, UART (4x), AD (3x), DA, PWM (3x), USB Device/Host (independent from the second USB port, described below) – Integrated micro USB connector (no separate USB client module needed) – 2 pushbutton switches (Reset and User) – Embedded 8-MByte Flash memory (SPI) – Power LED (green) and RGB User LED – Serial Wire Debug (SWD) and boot mode selection on the manufacturer-specific connector (Z) – Low power modes – 100 % open source hardware and software Figure 2. STM3240G-USB/NMF evaluation board www.st.com |
Số phần tương tự - STM32F4-NETMF |
|
Mô tả tương tự - STM32F4-NETMF |