công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S29CD032J bảng dữ liệu(PDF) 7 Page - SPANSION

tên linh kiện S29CD032J
Giải thích chi tiết về linh kiện  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J bảng dữ liệu(HTML) 7 Page - SPANSION

Back Button S29CD032J Datasheet HTML 3Page - SPANSION S29CD032J Datasheet HTML 4Page - SPANSION S29CD032J Datasheet HTML 5Page - SPANSION S29CD032J Datasheet HTML 6Page - SPANSION S29CD032J Datasheet HTML 7Page - SPANSION S29CD032J Datasheet HTML 8Page - SPANSION S29CD032J Datasheet HTML 9Page - SPANSION S29CD032J Datasheet HTML 10Page - SPANSION S29CD032J Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
October 11, 2012 S29CD-J_CL-J_00_B7
S29CD-J and S29CL-J Flash Family
7
Data
She e t
Tables
Table 7.1
S29CD016J/CL016J (Top Boot) Sector and Memory Address Map . . . . . . . . . . . . . . . . . . . .20
Table 7.2
S29CD016J/CL016J (Bottom Boot) Sector and Memory Address Map . . . . . . . . . . . . . . . . .21
Table 7.3
S29CD032J/CL032J (Top Boot) Sector and Memory Address Map . . . . . . . . . . . . . . . . . . . .22
Table 7.4
S29CD032J/CL032J (Bottom Boot) Sector and Memory Address Map . . . . . . . . . . . . . . . . .23
Table 8.1
Device Bus Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Table 8.2
32-Bit Linear and Burst Data Order . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27
Table 8.3
Valid Configuration Register Bit Definition for IND/WAIT# . . . . . . . . . . . . . . . . . . . . . . . . . . .28
Table 8.4
Burst Initial Access Delay . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
Table 8.5
Configuration Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
Table 8.6
Configuration Register After Device Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
Table 8.7
S29CD-J and S29CL-J Flash Family Autoselect Codes (High Voltage Method) . . . . . . . . . .31
Table 8.8
DQ6 and DQ2 Indications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40
Table 8.9
Write Operation Status . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .42
Table 8.10
Reset Command Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
Table 9.1
Sector Protection Schemes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48
Table 10.1
Secured Silicon Sector Addresses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50
Table 13.1
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53
Table 14.1
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .54
Table 15.1
DC Characteristic, CMOS Compatible . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .54
Table 17.1
Test Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .56
Table 17.2
Key to Switching Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .56
Table 18.1
VCC and VIO Power-up . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .57
Table 18.2
Asynchronous Read Operations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .58
Table 18.3
Burst Mode for 32 Mb and 16 Mb . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .60
Table 18.4
Hardware Reset (RESET#) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .62
Table 18.5
Erase/Program Operations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .63
Table 18.6
Alternate CE# Controlled Erase/Program Operations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .69
Table 18.7
Erase and Programming Performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .71
Table 18.8
PQFP and Fortified BGA Pin Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .71
Table 19.1
CFI Query Identification String . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .72
Table 19.2
CFI System Interface String . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .72
Table 19.3
Device Geometry Definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .73
Table 19.4
CFI Primary Vendor-Specific Extended Query . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .73
Table 20.1
Memory Array Command Definitions (x32 Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75
Table 20.2
Sector Protection Command Definitions (x32 Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81