| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STCD2400 bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCD2400 bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 39 page ![]() Device overview STCD22x0, STCD23x0, STCD24x0 8/39 Doc ID 15400 Rev 2 Figure 4. Hardware hookup (master clock enable active high) Figure 5. Connections diagram Flip Chip 12-bump (STCD22x0, 2-channel) Note: OPT1 is used to configure EN1 polarity. Connect OPT1 to VCC to configure EN1 active high or connect OPT1 to GND to configure EN1 active low. In the same way OPT2 is used to configure EN2. C C C Clock #4 output Clock #3 output Clock #2 output Clock #1 output Enable control EN4 EN3 EN2 EN1 CLK4 CLK3 CLK2 CLK1 OPT1 OPT2 MCLK MC REQ VTCXO BYP V CC V CC XO EN STCD24x0 V DD ai14028b Top view C B A 3 2 1 Bottom view CLK1 EN1 EN2 CLK2 BYP GND VCC MCREQ VTCXO MCLK OPT2 OPT1 GND BYP MCREQ OPT1 CLK2 VCC VTCXO MCLK OPT2 EN2 EN1 CLK1 3 2 1 DB C DA ai14017 |