| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7MDT20-T80 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MDT20-T80 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 3 page ![]() Data brief For further information contact your local STMicroelectronics sales office. November 2011 Doc ID 11694 Rev 2 1/3 3 ST7MDT20-T80/DVP TQFP80 (14x14) connection kit for ST7MDT20-DVP3 Features ■ TQFP80/64/44 adapter (DB530): Allows the connection of your ST7MDT20-DVP3 emulator to your application board in place of your ST7. ■ TQFP80 (14x14) device adapter (DB531): Adapts the emulator connection to the package of your ST7. ■ Yamaichi TQFP80 socket (IC149-080-051- S5): solders to your application board to allow connection of the emulator or installation of your ST7. ■ Additional 50-pin flat cable for connection between emulator and the adapter. Description The TQFP80 (14x14) connection kit (ST7MDT20- T80/DVP) provides the hardware you need to connect your ST7MDT20-DVP3 emulator to your application when debugging applications for ST7 microcontrollers in the TQFP80 (14x14) package. Figure 1. Flat cable and adapter Figure 2. TQFP80 device adapter (DB531) Figure 3. Connection to application board www.st.com |
Số phần tương tự - ST7MDT20-T80 |
|
Mô tả tương tự - ST7MDT20-T80 |