công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC564B74L8 bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện SPC564B74L8
Giải thích chi tiết về linh kiện  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564B74L8 bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button SPC564B74L8 Datasheet HTML 14Page - STMicroelectronics SPC564B74L8 Datasheet HTML 15Page - STMicroelectronics SPC564B74L8 Datasheet HTML 16Page - STMicroelectronics SPC564B74L8 Datasheet HTML 17Page - STMicroelectronics SPC564B74L8 Datasheet HTML 18Page - STMicroelectronics SPC564B74L8 Datasheet HTML 19Page - STMicroelectronics SPC564B74L8 Datasheet HTML 20Page - STMicroelectronics SPC564B74L8 Datasheet HTML 21Page - STMicroelectronics SPC564B74L8 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 118 page
background image
Package pinouts and signal descriptions
SPC564Bxx - SPC56ECxx
18/118
Doc ID 17478 Rev 4
3.2
System pins
The system pins are listed in Table 4.
3.3
Functional ports
The functional port pins are listed in Table 5.
a.
See the I/O pad electrical characteristics in the device datasheet for details.
b.
All medium and fast pads are in slow configuration by default at reset and can be configured as fast or medium.
For example, Fast/Medium pad will be Medium by default at reset. Similarly, Slow/Medium pad will be Slow by
default. Only exception is PC[1] which is in medium configuration by default (refer to PCR.SRC in the reference
manual, Pad Configuration Registers (PCR0—PCR198)).
Table 4.
System pin descriptions
Port pin
Function
I/O
direction
Pad
type
RESET
config.
Pin number
RESET
Bidirectional reset with Schmitt-Trigger
characteristics and noise filter.
I/O
M
Input, weak
pull-up only
after
PHASE2
29
29
K1
EXTAL
Analog input of the oscillator amplifier
circuit. Needs to be grounded if oscillator
bypass mode is used.
IA(1)
—58
74
T8
XTAL
Analog output of the oscillator amplifier
circuit, when the oscillator is not in bypass
mode.
Analog input for the clock generator when
the oscillator is in bypass mode.
I/O
A(1)
—56
72
T7
1.
For analog pads, it is not recommended to enable IBE if APC is enabled to avoid extra current in middle range voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com