công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC56EC70L8 bảng dữ liệu(PDF) 21 Page - STMicroelectronics

tên linh kiện SPC56EC70L8
Giải thích chi tiết về linh kiện  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70L8 bảng dữ liệu(HTML) 21 Page - STMicroelectronics

Back Button SPC56EC70L8 Datasheet HTML 17Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 18Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 19Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 20Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 21Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 22Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 23Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 24Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
SPC564Bxx - SPC56ECxx
Package pinouts and signal descriptions
Doc ID 17478 Rev 4
21/118
PA[11]
PCR[11]
AF0
AF1
AF2
AF3
—
—
—
—
GPIO[11]
E0UC[11]
SCL
—
RX_ER
EIRQ[16]
LIN2RX
ADC1_S[3]
SIUL
eMIOS_0
I2C
—
FEC
SIUL
LINFlexD_2
ADC_1
I/O
I/O
I/O
—
I
I
I
I
M/S
Tristate
132
156
B14
PA[12]
PCR[12]
AF0
AF1
AF2
AF3
—
—
GPIO[12]
—
E0UC[28]
CS3_1
EIRQ[17]
SIN_0
SIUL
—
eMIOS_0
DSPI1
SIUL
DSPI_0
I/O
—
I/O
O
I
I
STristate
53
69
P6
PA[13]
PCR[13]
AF0
AF1
AF2
AF3
GPIO[13]
SOUT_0
E0UC[29]
—
SIUL
DSPI_0
eMIOS_0
—
I/O
O
I/O
—
M/S
Tristate
52
66
R5
PA[14]
PCR[14]
AF0
AF1
AF2
AF3
—
GPIO[14]
SCK_0
CS0_0
E0UC[0]
EIRQ[4]
SIUL
DSPI_0
DSPI_0
eMIOS_0
SIUL
I/O
I/O
I/O
I/O
I
M/S
Tristate
50
58
P4
PA[15]
PCR[15]
AF0
AF1
AF2
AF3
—
GPIO[15]
CS0_0
SCK_0
E0UC[1]
WKPU[10]
SIUL
DSPI_0
DSPI_0
eMIOS_0
WKPU
I/O
I/O
I/O
I/O
I
M/S
Tristate
48
56
R2
PB[0]
PCR[16]
AF0
AF1
AF2
AF3
GPIO[16]
CAN0TX
E0UC[30]
LIN0TX
SIUL
FlexCAN_0
eMIOS_0
LINFlexD_0
I/O
O
I/O
I
M/S
Tristate
39
39
L3
PB[1]
PCR[17]
AF0
AF1
AF2
—
—
—
GPIO[17]
—
E0UC[31]
LIN0RX
WKPU[4]
CAN0RX
SIUL
—
eMIOS_0
LINFlexD_0
WKPU
FlexCAN_0
I/O
—
I/O
I
I
I
STristate
40
40
M2
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More