công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC564L54X bảng dữ liệu(PDF) 96 Page - STMicroelectronics

tên linh kiện SPC564L54X
Giải thích chi tiết về linh kiện  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54X bảng dữ liệu(HTML) 96 Page - STMicroelectronics

Back Button SPC564L54X Datasheet HTML 92Page - STMicroelectronics SPC564L54X Datasheet HTML 93Page - STMicroelectronics SPC564L54X Datasheet HTML 94Page - STMicroelectronics SPC564L54X Datasheet HTML 95Page - STMicroelectronics SPC564L54X Datasheet HTML 96Page - STMicroelectronics SPC564L54X Datasheet HTML 97Page - STMicroelectronics SPC564L54X Datasheet HTML 98Page - STMicroelectronics SPC564L54X Datasheet HTML 99Page - STMicroelectronics SPC564L54X Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 160 page
background image
Note:
Open Drain can be configured by the PCRn for all pins used as output (except FCCU_F[0] and FCCU_F[1] ).
I[1]
PCR[129]
SIUL
GPIO[129]
ALT0
GPIO[129]
—
—M
S
—
—
C12
eTimer_2
ETC[1]
ALT1
ETC[1]
PSMI[40];
PADSEL=1
DSPI_0
CS5
ALT2
—
—
FlexPWM_1
—
—
FAULT[1]
—
I[2]
PCR[130]
SIUL
GPIO[130]
ALT0
GPIO[130]
—
—M
S
—
—
F16
eTimer_2
ETC[2]
ALT1
ETC[2]
PSMI[41];
PADSEL=1
DSPI_0
CS6
ALT2
—
—
FlexPWM_1
—
—
FAULT[2]
—
I[3]
PCR[131]
SIUL
GPIO[131]
ALT0
GPIO[131]
—
—M
S
—
—
E17
eTimer_2
ETC[3]
ALT1
ETC[3]
PSMI[42];
PADSEL=1
DSPI_0
CS7
ALT2
—
—
CTU_0
EXT_TGR
ALT3
—
—
FlexPWM_1
—
—
FAULT[3]
—
RDY
PCR[132]
SIUL
GPIO[132]
ALT0
GPIO[132]
—
—F
S
—
—
K3
NPC
RDY
ALT2
—
—
1.
Programmable via the SRC (Slew Rate Control) bit in the respective Pad Configuration Register; S = Slow, M = Medium, F = Fast, SYM = Symmetric (for FlexRay)
2.
The default function of this pin out of reset is ALT1 (TDO).
3.
Analog
Table 8.
Pin muxing (continued)
Port
name
PCR
Peripheral
Alternate
output
function
Output
mux sel
Input
functions
Input mux
select
Weak pull
config during
reset
Pad
speed(1)
Pin #
SRC
=1
SRC
=0
100
pkg
144
pkg
257
pkg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More