| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC564BXX bảng dữ liệu(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564BXX bảng dữ liệu(HTML) 63 Page - STMicroelectronics |
|
63 / 118 page ![]() SPC564Bxx - SPC56ECxx Electrical Characteristics Doc ID 17478 Rev 4 63/118 VOL CC P Output low level Push Pull, IOL = 2 mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) — — 0.1VDD V Push Pull, IOL = 1 mA, VDD = 5.0 V ± 10%, PAD3V5V = 1 (3) — — 0.1VDD Push Pull, IOL = 1 mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) —— 0.5 Ttr CC D Output transition time output pin(4) MEDIUM configuration CL = 25 pF, VDD = 5.0 V ± 10%, PAD3V5V = 0 —— 10 ns CL = 50 pF, VDD = 5.0 V ± 10%, PAD3V5V = 0 —— 20 CL = 100 pF, VDD = 5.0 V ± 10%, PAD3V5V = 0 —— 40 CL = 25 pF, VDD = 3.3 V ± 10%, PAD3V5V = 1 —— 12 CL = 50 pF, VDD = 3.3 V ± 10%, PAD3V5V = 1 —— 25 CL = 100 pF, VDD = 3.3 V ± 10%, PAD3V5V = 1 —— 40 WFRST SR P Reset input filtered pulse — — — 40 ns WNFRST SR P Reset input not filtered pulse —1000 — — ns |IWPU|CC P Weak pull-up current absolute value VDD = 3.3 V ± 10%, PAD3V5V = 1 10 — 150 µA VDD = 5.0 V ± 10%, PAD3V5V = 0 10 — 150 VDD = 5.0 V ± 10%, PAD3V5V = 1 (5) 10 — 250 1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified. 2. VDD as mentioned in the table is VDD_HV_A/VDD_HV_B. All values need to be confirmed during device validation. 3. This is a transient configuration during power-up, up to the end of reset PHASE2 (refer to the RGM module section of the device Reference Manual). 4. CL includes device and package capacitance (CPKG <5 pF). 5. The configuration PAD3V5 = 1 when VDD = 5 V is only transient configuration during power-up. All pads but RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state. Table 22. Reset electrical characteristics (continued) Symbol C Parameter Conditions(1) Value(2) Unit Min Typ Max |