công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41T66 bảng dữ liệu(PDF) 30 Page - STMicroelectronics

tên linh kiện M41T66
Giải thích chi tiết về linh kiện  Serial real-time clock with alarms
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T66 bảng dữ liệu(HTML) 30 Page - STMicroelectronics

Back Button M41T66_11 Datasheet HTML 26Page - STMicroelectronics M41T66_11 Datasheet HTML 27Page - STMicroelectronics M41T66_11 Datasheet HTML 28Page - STMicroelectronics M41T66_11 Datasheet HTML 29Page - STMicroelectronics M41T66_11 Datasheet HTML 30Page - STMicroelectronics M41T66_11 Datasheet HTML 31Page - STMicroelectronics M41T66_11 Datasheet HTML 32Page - STMicroelectronics M41T66_11 Datasheet HTML 33Page - STMicroelectronics M41T66_11 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Package mechanical data
M41T66
30/34
Doc ID 15108 Rev 2
Figure 20.
Carrier tape for QFN16 (3 mm x 3 mm) package
T
K0
P1
A0
B0
P2
P0
CENTER LINES
OF CAVITY
W
E
F
D
TOP COVER
TAPE
USER DIRECTION OF FEED
AM03073v1
Table 15.
Carrier tape dimensions for QFN16 (3 mm x 3 mm) package
Package
W
D
E
P0
P2
FA0
B0
K0
P1
TUnit
Bulk
Qty
QFN16
12.00
±0.30
1.50
+0.10
/-0.00
1.75
±0.10
4.00
±0.10
2.00
±0.10
5.50
±0.05
3.30
±0.10
3.30
±0.10
1.10
±0.10
8.00
±0.10
0.30
±0.05
mm
3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34