| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41T00CAP bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T00CAP bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 27 page ![]() M41T00CAP Package mechanical data Doc ID 14557 Rev 5 23/27 7 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 15. PCDIP24 – 24-pin plastic DIP, battery CAPHAT™, package outline Note: Drawing is not to scale. PCDIP A2 A1 A L B1 B e1 D E N 1 C eA e3 Table 11. PCDIP24 – 24-pin plastic DIP, battery CAPHAT™, package mechanical data Symb mm inches Typ Min Max Typ Min Max A 8.89 9.65 0.350 0.380 A1 0.38 0.76 0.015 0.030 A2 8.38 8.89 0.330 0.350 B 0.38 0.53 0.015 0.021 B1 1.14 1.78 0.045 0.070 C 0.20 0.31 0.008 0.012 D 34.29 34.80 1.350 1.370 E 17.83 18.34 0.702 0.722 e1 2.29 2.79 0.090 0.110 e3 27.94 1.1 eA 15.24 16.00 0.600 0.630 L 3.05 3.81 0.120 0.150 N24 24 |