công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41ST87W bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện M41ST87W
Giải thích chi tiết về linh kiện  5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  M41ST87W_11 Datasheet HTML 1Page - STMicroelectronics M41ST87W_11 Datasheet HTML 2Page - STMicroelectronics M41ST87W_11 Datasheet HTML 3Page - STMicroelectronics M41ST87W_11 Datasheet HTML 4Page - STMicroelectronics M41ST87W_11 Datasheet HTML 5Page - STMicroelectronics M41ST87W_11 Datasheet HTML 6Page - STMicroelectronics M41ST87W_11 Datasheet HTML 7Page - STMicroelectronics M41ST87W_11 Datasheet HTML 8Page - STMicroelectronics M41ST87W_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Contents
M41ST87Y, M41ST87W
2/54
Doc ID 9497 Rev 10
Contents
1
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
1.1
Security features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2
Operating modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
2.1
2-wire bus characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2.1.1
Bus not busy . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2.1.2
Start data transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2.1.3
Stop data transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2.1.4
Data valid . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2.1.5
Acknowledge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2.2
READ mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2.3
WRITE mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
2.4
Data retention mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
2.5
Tamper detection circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
2.6
Tamper register bits (tamper 1 and tamper 2) . . . . . . . . . . . . . . . . . . . . . 18
2.6.1
Tamper enable bits (TEB1 and TEB2) . . . . . . . . . . . . . . . . . . . . . . . . . . 18
2.6.2
Tamper bits (TB1 and TB2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
2.6.3
Tamper interrupt enable bits (TIE1 and TIE2) . . . . . . . . . . . . . . . . . . . . 19
2.6.4
Tamper connect mode bit (TCM1 and TCM2) . . . . . . . . . . . . . . . . . . . . 19
2.6.5
Tamper polarity mode bits (TPM1 and TPM2) . . . . . . . . . . . . . . . . . . . . 19
2.6.6
Tamper detect sampling (TDS1 and TDS2) . . . . . . . . . . . . . . . . . . . . . . 22
2.6.7
Tamper current high/tamper current low (TCHI/TCLO1 and
TCHI/TCLO2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
2.6.8
RAM clear (CLR1 and CLR2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
2.6.9
RAM clear external (CLR1EXT and CLR2EXT) - available in SOX28
package only . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
2.7
Tamper detection operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
2.8
Sampling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
2.9
Internal tamper pull-up/down current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
2.10
Avoiding inadvertent tampers (normally closed configuration) . . . . . . . . . 27
2.11
Tamper event time-stamp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
3
Clock operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
3.0.1
Power-down time-stamp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54