| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSL2129AT bảng dữ liệu(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL2129AT bảng dữ liệu(HTML) 10 Page - NXP Semiconductors |
|
10 / 21 page ![]() SSL2129AT All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 23 October 2012 10 of 21 NXP Semiconductors SSL2129AT Dimmable LED controller IC 8.9 Mains dimmer compatibility The SSL2129AT provides mains dimmer compatibility using dynamic ton control. This control is used to shape an input current waveform to provide the most effective current to load the dimmer over most of the mains cycle. In the dimmed position, the output current is controlled both by the conductive phase of the dimmer and the slope current control of the TONMOD function. An additional advantage of this method is a high-power factor. The additional dimming range is achieved by modulating the charge current of the capacitor connected to the TONMOD pin. |