công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA7375AV bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện TDA7375AV
Giải thích chi tiết về linh kiện  2 x 37 W dual/quad power amplifier for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375AV bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button TDA7375AV_12 Datasheet HTML 12Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 13Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 14Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 15Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 16Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 17Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 18Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 19Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Functional description
TDA7375AV
16/20
Doc ID 6325 Rev 4
Figure 25.
Output fault waveforms (see Figure 26)
Figure 26.
Fault waveforms
4.7
Handling of the diagnostics information
As various kinds of information are available at the same pin (clipping detection, output fault,
thermal proximity), this signal must be handled properly in order to discriminate each event.
This could be done by taking into account the different timing of the diagnostic output during
each case.
Normally the clip detector signalling produces a low level at pin 10 that is shorter referred to
every kind of fault detection; based on this assumption an interface circuitry to differentiate
the information is represented in the following schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20