| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA382BW bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA382BW bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 172 page ![]() Device overview STA382BW 36/172 Doc ID 022783 Rev 1 Figure 13. Stereo link block diagram 4.3.9 Programming of coefficients The coefficients are expressed in different value ranges and in decimal notation (refer to the previous paragraphs). In order to be programmed they must be converted into a [-1, +1) range and in hexadecimal notation (Table 11). This can be achieved with the following procedure: ● if CoeffDecValue>0 ● if CoeffDecValue<0 where CoeffI2CValue is the final decimal value to be converted into hexadecimal notation while CoeffDecValue is the coefficient value (in decimal notation) to start from. + Output Ch 0 Attenuator From mapper Ch 0 – Band 0 Attenuator From mapper Ch 0 – Band 1 Attenuator Attenuator X X Ch 0 – Band 1 Ch 0 – Band 0 + Output Ch 1 Attenuator From mapper Ch 1 – Band 0 Attenuator From mapper Ch 1 – Band 1 Attenuator Attenuator X X Ch 1 – Band 1 Ch 1 – Band 0 Max Attenuation Band 0 Max Attenuation Band 1 CoeffI2CValue rnd CoeffDecValue 2 6 ⁄ () 2 23 × () = CoeffI2CValue 2 24 rnd CoeffDecValue 2 6 ⁄ () 2 23 × () – = |