| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA381BW bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BW bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 171 page ![]() Register description: New Map STA381BW 54/171 Doc ID 018835 Rev 7 2.1 channels, two full-bridges + one external full-bridge (OPER = 10) ● FFX1A -> OUT1A ● FFX1B -> OUT1B ● FFX2A -> OUT2A ● FFX2B -> OUT2B ● FFX3A -> OUT3A ● FFX3B -> OUT3B ● EAPD -> OUT4A ● TWARN -> OUT4B ● FFX1A/1B configured as ternary ● FFX2A/2B configured as ternary ● FFX3A/3B configured as ternary ● FFX4A/4B is not used In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT4 channel the external bridge control signals are muxed. In this configuration the PWM slot phase is the following as shown in Figure 23. Figure 23. 2.1 channels (OPER = 10) PWM slots OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B |