| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA3398 bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA3398 bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 77 page ![]() Register description STA339BW 40/77 Doc ID 15251 Rev 5 Figure 14. OCFG = 11 The STA339BW can be configured to support different output configurations. For each PWM output channel a PWM slot is defined. A PWM slot is always 1 / (8 * fs) seconds length. The PWM slot define the maximum extension for PWM rise and fall edge, that is, rising edge as far as the falling edge cannot range outside PWM slot boundaries. Figure 15. Output mapping scheme For each configuration the PWM signals from the digital driver are mapped in different ways to the power stage: Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 3 OUT3B OUT4B OUT4A OUT3A Channel 1 Channel 2 FFX ™ modulator REMAP FFX1A FFX1 B FFX2 A FFX 2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B FFX3 A FFX3B FFX4 A FFX 4B OUT3A OUT3B OUT4A OUT4B FFX ™ modulator REMAP FFX1A FFX1 B FFX2 A FFX 2B OUT1A OUT1B OUT2A OUT2B Power Bridge OUT1A OUT1B OUT2A OUT2B FFX3 A FFX3B FFX4 A FFX 4B OUT3A OUT3B OUT4A OUT4B |