| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA321 bảng dữ liệu(PDF) 142 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321 bảng dữ liệu(HTML) 142 Page - STMicroelectronics |
|
142 / 157 page ![]() Register description STA321 142/157 Doc ID 15351 Rev 3 BISTRUN1 Address: 0xD1 Type: RW Reset: 0x00 Description: BISTST0 BIST status register 0 Address: 0xD2 Type: RO Reset: 0x00 Description: 76 54 32 10 OS_BRUN DB_BRUN Reserved [7] OS_BRUN FFX RAM 0: normal functional mode 1: start the BIST [6] DB_BRUN FFX RAM 0: normal functional mode 1: start the BIST [5:0] Reserved 76 54 32 10 SF1_BEND SF1_BBAD SF1_BFAIL SF2_BEND SF2_BBAD SF2_BFAIL SS1_BEND SS1_BBAD [7] SF1_BEND: For SRC1 RAM BIST 0: normal functional mode 1: BIST is finished [6] SF1_BBAD For SRC1 RAM BIST 0: no faults detected 1: at least one fault detected [5] SF1_BFAIL For SRC1 RAM BIST 0: no faults detected in the current location 1: at least one fault detected in the current location |