| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA321 bảng dữ liệu(PDF) 141 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321 bảng dữ liệu(HTML) 141 Page - STMicroelectronics |
|
141 / 157 page ![]() STA321 Register description Doc ID 15351 Rev 3 141/157 BISTRUN0 BIST control Address: 0xD0 Type: RW Reset: 0x00 Description: 76 54 32 10 SF1_BRUN SF2_BRUN SS1_BRUN SS2_BRUN CF_BRUN PR_BRUN CF_ROM_BRUN Reserved [7] SF1_BRUN SRC1 RAM 0: normal functional mode 1: start the BIST [6] SF2_BRUN SRC2 RAM 0: normal functional mode 1: start the BIST [5] SS1_BRUN SRC1 RAM 0: normal functional mode 1: start the BIST [4] SS2_BRUN SRC2 RAM 0: normal functional mode 1: start the BIST [3] CF_BRUN PROC RAM (coefficients) 0: normal functional mode 1: start the BIST [2] PR_BRUN PROC RAM (program) 0: normal functional mode 1: start the BIST [1] CF_ROM_BRUN PROC RAM (coefficients) 0: normal functional mode 1: start the BIST [0] Reserved |