công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA309B bảng dữ liệu(PDF) 51 Page - STMicroelectronics

tên linh kiện STA309B
Giải thích chi tiết về linh kiện  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B bảng dữ liệu(HTML) 51 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 47Page - STMicroelectronics STA309B Datasheet HTML 48Page - STMicroelectronics STA309B Datasheet HTML 49Page - STMicroelectronics STA309B Datasheet HTML 50Page - STMicroelectronics STA309B Datasheet HTML 51Page - STMicroelectronics STA309B Datasheet HTML 52Page - STMicroelectronics STA309B Datasheet HTML 53Page - STMicroelectronics STA309B Datasheet HTML 54Page - STMicroelectronics STA309B Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
STA309B
Registers
Doc ID 022570 Rev 2
51/66
7.2.56
Channel 7 and 8 output timing (0x36)
The centering of the individual channel PWM output periods can be adjusted by the output
timing registers. The PWM slot settings can be chosen to ensure that pulse transitions do
not occur at the same time on different channels using the same power device. There are 8
possible settings, the appropriate setting is based on the application and connections to the
FFX power devices.
7.2.57
Channel I2S output mapping channels 1 and 2 (0x37)
7.2.58
Channel I2S output mapping channels 3 and 4 (0x38)
7.2.59
Channel I2S output mapping channels 5 and 6 (0x39)
D7
D6
D5
D4
D3
D2
D1
D0
C8OT2
C8OT1
C8OT0
C7OT2
C7OT1
C7OT0
11
1
011
CnOT[2:0]
PWM slot
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8
D7
D6
D5
D4
D3
D2
D1
D0
C2OM2
C2OM1
C2OM0
C1OM2
C1OM1
C1OM0
00
1
000
D7
D6
D5
D4
D3
D2
D1
D0
C4OM2
C4OM1
C4OM0
C3OM2
C3OM1
C3OM0
01
1
010
D7
D6
D5
D4
D3
D2
D1
D0
C6OM2
C6OM1
C6OM0
C5OM2
C5OM1
C5OM0
10
1
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66