| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RHF484 bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RHF484 bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 18 page ![]() RHF484 Package information Doc ID 17351 Rev 1 15/18 Figure 26. Wide ceramic Flat-14 package mechanical drawing. Note: The upper metallic lid is not electrically connected to any pins, nor to the IC die inside the package. Connecting unused pins or metal lid to ground or Vcc will not affect the electrical characteristics. Table 7. Wide ceramic Flat-14 W package mechanical data Ref. Dimensions Millimeters inches Min. Typ. Max. Min. Typ. Max. A 1.932.112.29.076.083 .090 b 0.380.430.48.015.017 .019 c 0.100.130.18.004.005 .007 D 9.71 9.91 10.11 .382 0.390 .398 E 7.277.427.57.286.292 .298 E2 5.4 .213 E3 0.76 .030 e1.27 .050 L 6.3 6.6 .248 .260 Q 0.20 0.28 .008 .011 S1 0.13 .005 |