công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RHF43B bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện RHF43B
Giải thích chi tiết về linh kiện  Rad-hard precision bipolar single operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF43B bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button RHF43B_11 Datasheet HTML 8Page - STMicroelectronics RHF43B_11 Datasheet HTML 9Page - STMicroelectronics RHF43B_11 Datasheet HTML 10Page - STMicroelectronics RHF43B_11 Datasheet HTML 11Page - STMicroelectronics RHF43B_11 Datasheet HTML 12Page - STMicroelectronics RHF43B_11 Datasheet HTML 13Page - STMicroelectronics RHF43B_11 Datasheet HTML 14Page - STMicroelectronics RHF43B_11 Datasheet HTML 15Page - STMicroelectronics RHF43B_11 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RHF43B
Package information
Doc ID 13477 Rev 8
13/16
4.1
Ceramic Flat-8 package information
Figure 25.
Ceramic Flat-8 package mechanical drawing
Note:
The upper metallic lid is not electrically connected to any pins, nor to the IC die inside the
package. Connecting unused pins or metal lid to ground or to the power supply will not affect
the electrical characteristics.
Table 6.
Ceramic Flat-8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.24
2.44
2.64
0.088
0.096
0.104
b
0.38
0.43
0.48
0.015
0.017
0.019
c
0.10
0.13
0.16
0.004
0.005
0.006
D
6.35
6.48
6.61
0.250
0.255
0.260
E
6.35
6.48
6.61
0.250
0.255
0.260
E2
4.32
4.45
4.58
0.170
0.175
0.180
E3
0.88
1.01
1.14
0.035
0.040
0.045
e
1.27
0.050
L
6.51
7.38
0.256
0.291
Q
0.66
0.79
0.92
0.026
0.031
0.092
S1
0.92
1.12
1.32
0.036
0.044
0.052
N08
08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16