| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6398 bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6398 bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 16 page ![]() L6398 Waveforms definitions Doc ID 18199 Rev 3 9/16 6 Waveforms definitions Figure 4. Dead time and interlocking waveforms definitions LIN HIN LVG HVG LIN HIN LVG HVG LIN HIN LVG HVG LIN HIN LVG HVG DTLH DTHL DTLH DTHL DTLH DTHL DTLH DTHL gate driver outputs OFF (HALF-BRIDGE TRI-STATE) CONTROL SIGNAL EDGES OVERLAPPED: INTERLOCKING + DEAD TIME CONTROL SIGNALS EDGES SYNCHRONOUS (*): DEAD TIME CONTROL SIGNALS EDGES NOT OVERLAPPED, BUT INSIDE THE DEAD TIME: DEAD TIME CONTROL SIGNALS EDGES NOT OVERLAPPED, OUTSIDE THE DEAD TIME: DIRECT DRIVING (*) HIN and LIN can be connected togheter and driven by just one control signal gate driver outputs OFF (HALF-BRIDGE TRI-STATE) gate driver outputs OFF (HALF-BRIDGE TRI-STATE) gate driver outputs OFF (HALF-BRIDGE TRI-STATE) gate driver outputs OFF (HALF-BRIDGE TRI-STATE) gate driver outputs OFF (HALF-BRIDGE TRI-STATE) gate driver outputs OFF (HALF-BRIDGE TRI-STATE) gate driver outputs OFF (HALF-BRIDGE TRI-STATE) |