công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AC3200JH bảng dữ liệu(PDF) 5 Page - ebm-papst

tên linh kiện AC3200JH
Giải thích chi tiết về linh kiện  ACmaxx / i-maxx
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EBMPAPST [ebm-papst]
Trang chủ  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC3200JH bảng dữ liệu(HTML) 5 Page - ebm-papst

  AC3200JH Datasheet HTML 1Page - ebm-papst AC3200JH Datasheet HTML 2Page - ebm-papst AC3200JH Datasheet HTML 3Page - ebm-papst AC3200JH Datasheet HTML 4Page - ebm-papst AC3200JH Datasheet HTML 5Page - ebm-papst AC3200JH Datasheet HTML 6Page - ebm-papst AC3200JH Datasheet HTML 7Page - ebm-papst AC3200JH Datasheet HTML 8Page - ebm-papst AC3200JH Datasheet HTML 9Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
129
Optional special versions
Information on pictograms
Speed signal
The fan uses a separate wire to output information
about its speed, and thus about the speed of the rotor.
For technical details, please refer to page 110.
On the pages of the catalogue and on the following overview pages, the pictograms illustrated below provide information about technically possi-
ble special versions in the fan line presented.
Please note that these special versions are not possible for all voltages and speeds, and not in all combinations.
The special versions are designed for specific customers and projects and are not usually available off the shelf.
Go / No-go alarm
The fan uses a separate wire to output a static signal
when it is stationary, thus providing information about
whether or not the rotor is turning. For technical
details, please refer to page 117.
Alarm with limit speed
If the speed drops below a certain level defined in the
fan's electronics, the fan will emit a static signal, thus
providing information about whether or not the rotor is
turning. For technical details, please refer to page 114.
External temperature sensor
An NTC is connected to the fan via a separate wire and
the fan changes its speed depending on the temperatu-
re at the NTC. For technical details, please refer to
page 120.
Internal temperature sensor
In this case, the NTC is integrated into the fan and the
fan changes its speed depending on the temperature at
the NTC. For technical details, please refer to page
120.
PWM control input
The speed of the fan can be changed via a pulse-width-
modulated signal. This signal is applied to a specially
provided wire. For technical details, please refer to page
121.
Analogue control input
The speed of the fan can be changed via a control volta-
ge. This control voltage is applied to a specially provided
wire. For technical details, please refer to page 121.
Protection against moisture
Protection for the fan's electronics against moisture and
condensation. For technical details, please refer to page
123.
IP 54
Protection of motor and PCB board against splashed
water and humidity. For technical details, please refer to
page 123.
Protection against salt spray fog
Protection of fan against the damaging effects of salt
spray fog. For technical details, please refer to page
123.
NG
TT
II
PWM
A
HHPP
IP54
IP54
Û
SSPP
Multi-option control input
The fan has a control input that the user can trigger eit-
her using a PWM signal, an analogue signal or a
resistor. For technical details, please refer to page 122.
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage
18.01.2011
14:19
Seite 129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com