công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPD7211F bảng dữ liệu(PDF) 3 Page - Toshiba Semiconductor

tên linh kiện TPD7211F
Giải thích chi tiết về linh kiện  Power MOSFET Gate Driver for half-bridge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7211F bảng dữ liệu(HTML) 3 Page - Toshiba Semiconductor

  TPD7211F Datasheet HTML 1Page - Toshiba Semiconductor TPD7211F Datasheet HTML 2Page - Toshiba Semiconductor TPD7211F Datasheet HTML 3Page - Toshiba Semiconductor TPD7211F Datasheet HTML 4Page - Toshiba Semiconductor TPD7211F Datasheet HTML 5Page - Toshiba Semiconductor TPD7211F Datasheet HTML 6Page - Toshiba Semiconductor TPD7211F Datasheet HTML 7Page - Toshiba Semiconductor TPD7211F Datasheet HTML 8Page - Toshiba Semiconductor TPD7211F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TPD7211F
2011-10-24
3
Pin Description
Pin No.
Symbol
Pin Description
1
IN1
Input pin for high-side output (OUT1) control. The IN1 pin has an internal pull-down resistor.
Thus, even if the input is open-circuit, the OUT1 never turns on (“L”) inadvertently.
2
STBY
Standby pin:By driving this pin “L”, supply current is 10μA or less and all outputs can be turned off
regardless of input signals. By driving this pin “H”, all outputs are switching normally.
The STBY pin has an internal pull-down resistor. When input is open circuit, this IC becomes the same
operation as “L”.
3
IN2
Input pin for low-side output (OUT2) control. The IN2 pin has an internal pull-down resistor.
Thus, even if the input is open-circuit, the OUT2 never turns on (“H”) inadvertently.
4
GND
Ground pin.
5
OUT2
Drives the low-side N channel power MOSFET.
6
N.C
No-Connect pin.
7
VDD
Power supply pin.
8
OUT1
Drives the high-side P channel power MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com