| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPZ2012S601A bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MPZ2012S601A bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 28 page ![]() Actuators DRV2603 MSP430 OUT MSP DRV USB Power External Power Power Select Pins DRV2603 Driver Increment Mode Decrement Mode ERM and LRA Actuators Effect Buttons Press to play haptic effects. Programmer Connector www.ti.com Getting Started 4 MSP430 Pin-Out ........................................................................................................... 16 1 Getting Started The DRV2603 can be used as a demonstration or evaluation tool. When the DRV2603EVM-CT Evaluation Module is powered on, a demo application automatically starts. To power the board, connect the DRV2603EVM-CT to an available USB port on your computer using the included mini-USB cable. The demo begins with a board power-up sequence and then will enter the demo effects mode. The four larger buttons (B1-B4) can be used to sample haptic effects using both the ERM and LRA motor in the top right corner. The two smaller mode buttons (“–“, “+”) are used to change between the different sets of effects. See the DRV2603 Demonstration Program section for a more detailed description of the demo application. Figure 1. Board Diagram 3 SLOU340A – May 2012 – Revised May 2012 DRV2603 ERM/LRA Haptic Driver Evaluation Kit Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated |