| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RN4906FE bảng dữ liệu(PDF) 2 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
RN4906FE bảng dữ liệu(HTML) 2 Page - Toshiba Semiconductor |
|
2 / 6 page ![]() RN4906FE 2007-11-01 2 Absolute Maximum Ratings (Ta = 25°C) (Q1) Characteristics Symbol Rating Unit Collector-base voltage VCBO −50 V Collector-emitter voltage VCEO −50 V Emitter-base voltage VEBO −5 V Collector current IC −100 mA Absolute Maximum Ratings (Ta = 25°C) (Q2) Characteristics Symbol Rating Unit Collector-base voltage VCBO 50 V Collector-emitter voltage VCEO 50 V Emitter-base voltage VEBO 5 V Collector current IC 100 mA Absolute Maximum Ratings (Ta = 25°C) (Q1, Q2 common) Characteristics Symbol Rating Unit Collector power dissipation PC (Note 1) 100 mW Junction temperature Tj 150 °C Storage temperature range Tstg −55~150 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: Total rating |