công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Y-CONC-R802L-MA8B-2000-A bảng dữ liệu(PDF) 3 Page - YAMAHA CORPORATION

tên linh kiện Y-CONC-R802L-MA8B-2000-A
Giải thích chi tiết về linh kiện  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAMAHA [YAMAHA CORPORATION]
Trang chủ  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R802L-MA8B-2000-A bảng dữ liệu(HTML) 3 Page - YAMAHA CORPORATION

  Y-CONC-R802L-MA8B-2000-A Datasheet HTML 1Page - YAMAHA CORPORATION Y-CONC-R802L-MA8B-2000-A Datasheet HTML 2Page - YAMAHA CORPORATION Y-CONC-R802L-MA8B-2000-A Datasheet HTML 3Page - YAMAHA CORPORATION Y-CONC-R802L-MA8B-2000-A Datasheet HTML 4Page - YAMAHA CORPORATION Y-CONC-R802L-MA8B-2000-A Datasheet HTML 5Page - YAMAHA CORPORATION Y-CONC-R802L-MA8B-2000-A Datasheet HTML 6Page - YAMAHA CORPORATION Y-CONC-R802L-MA8B-2000-A Datasheet HTML 7Page - YAMAHA CORPORATION Y-CONC-R802L-MA8B-2000-A Datasheet HTML 8Page - YAMAHA CORPORATION Y-CONC-R802L-MA8B-2000-A Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
2
Description:
IP67 protective transport cap
for Y-ConCover-10-* /
Y-ConCover-40-*
IP67-Transportschutzabdeckung für
Y-ConCover-10-* / Y-ConCover-40-*
Material:
Body
PE (Transparent white)
Gehäuse
Specifications: Operating Temp.: -20°C ~+80°C
Betriebstemp.
Part Number
Colour
Low Temperature Type
Y-ConCover-10
Blue
No
Y-ConCover-10-B
Black
No
Y-ConCover-10-LT
Blue
Yes
Y-ConCover-10-B-LT
Black
Yes
Series
Design Number
No Mark = Blue
B = Black
No Mark = Std.
LT = Low Temp.
Y-ConCover - 10 - * - *
Part Number (Details)
Outline Dimensions
Description:
IP67/68/69K cover for self assembly with
Y-Con plugs and cables, complete with
latches, seals and terminator cap
IP67/68/69K-Steckergehäuse zur Selbstmontage
mit Y-Con Kabelsteckern und Kabeln,
komplett mit Rasthaken, Dichtungen und Abschlusskape
Material:
Body
PBT, UL94V-0
Gehäuse
Seal
FKM (Viton®) or HNBR
Dichtung
Fixing clips
Stainless steel
Rasthaken
Specifications:
Operating Temp.: Std.
- 20°C ~ +120°C
Betriebstemp.
LT
- 40°C ~ +120°C
Description:
Metal cover for retro-fitting to
Y-ConCover-10-* offering
increased mechanical stability
Metallisches Schutzgehäuse zur
Nachrüstung auf Y-ConCover-10-*,
für erhöhte mechanische Stabilität
Material:
Body + Buttons
Die-cast zinc
Gehäuse
Screws
Stainless Steel
Schrauben
Specifications:
Operating Temp.: -20°C ~ +120°C
Betriebstemp.
Part No.: Y-ConCover-30
Part No.: Y-ConAS-21
46.0
Accessories
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com