| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMAD130 bảng dữ liệu(PDF) 4 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
MMAD130 bảng dữ liệu(HTML) 4 Page - Protek Devices |
|
4 / 6 page ![]() Only One Name Means ProTek’Tion™ www.protekdevices.com 05136.R12 9/12 Page 4 MMAD Series So-14 PAckAge inFoRMAtion outline DiMenSionS DiM MilliMeteRS incheS Min MAX Min MAX A 8.55 8.75 0.337 0.344 B 3.80 4.00 0.150 0.157 C 1.35 1.75 0.054 0.068 D 0.35 0.49 0.014 0.019 F 0.40 1.25 0.016 0.049 G 1.27 BSC 0.05 BSC J 0.18 0.25 0.007 0.009 K 0.10 0.25 0.004 0.008 P 5.80 6.20 0.229 0.244 R 0.25 0.50 0.010 0.019 noteS 1. -T- = Seating plane and datum surface. 2. Dimensions “A” and “B” are datum. 3. Dimensions “A” and “B” do not include mold protrusion. 4. Maximum mold protrusion is 0.015” (0.380mm) per side. 5. Dimensioning and tolerances per ANSI Y14.5M, 1982. 6. Dimensions are exclusive of mold flash and metal burrs. PAD lAyout DiMenSionS DiM MilliMeteRS incheS Min MAX Min MAX A 1.14 1.40 0.045 0.055 B 0.64 0.89 0.025 0.035 C 6.22 - 0.245 - D 3.94 4.17 0.155 0.165 E 1.02 1.27 0.040 0.050 noteS 1. Controlling dimension: inches. -A- -B- P D G 14 8 7 1 -T- C K J R X 45° 0° - 10° F 14 PL 0.010” (0.25mm) M S B + S A T 7 PL 0.010” (0.25mm) M M B + A B C D E |