công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Y-CONC-R806P-MB5B-2000-A bảng dữ liệu(PDF) 21 Page - YAMAHA CORPORATION

tên linh kiện Y-CONC-R806P-MB5B-2000-A
Giải thích chi tiết về linh kiện  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAMAHA [YAMAHA CORPORATION]
Trang chủ  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R806P-MB5B-2000-A bảng dữ liệu(HTML) 21 Page - YAMAHA CORPORATION

Back Button Y-CONC-R806P-MB5B-2000-A Datasheet HTML 17Page - YAMAHA CORPORATION Y-CONC-R806P-MB5B-2000-A Datasheet HTML 18Page - YAMAHA CORPORATION Y-CONC-R806P-MB5B-2000-A Datasheet HTML 19Page - YAMAHA CORPORATION Y-CONC-R806P-MB5B-2000-A Datasheet HTML 20Page - YAMAHA CORPORATION Y-CONC-R806P-MB5B-2000-A Datasheet HTML 21Page - YAMAHA CORPORATION Y-CONC-R806P-MB5B-2000-A Datasheet HTML 22Page - YAMAHA CORPORATION Y-CONC-R806P-MB5B-2000-A Datasheet HTML 23Page - YAMAHA CORPORATION Y-CONC-R806P-MB5B-2000-A Datasheet HTML 24Page - YAMAHA CORPORATION Y-CONC-R806P-MB5B-2000-A Datasheet HTML 25Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Part Number
Signal Contacts
Power Contacts
Orientation
PCB
Y-ConJack-13
8
0
90°
with solder pads
Y-ConJack-23
8
2
90°
with solder pads
Y-ConJack-14
8
0
90°
with terminals
Y-ConJack-24
8
2
90°
with terminals
Y-ConJack
-
* *
Part Number (Details)
Series
Power Contacts 1 = w/o. 2 = with
Design Number
Outline Dimensions
Y-ConJack-13 / -23
Y-ConJack-14 / -24
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
20
Description:
RJ45 PCB mounted jacks, Cat 5, with or without power
contacts. For use with Y-ConFlange-10-*, Y-ConFlange-40-*
and all Y-Con plugs
RJ45 Buchse auf PCB, Cat 5, mit oder ohne zusätzliche Kontakte
für die Stromversorgung. Für den Einsatz mit Y-ConFlange-10-*,
Y-ConFlange-40-* und allen Y-Con Kabelsteckern
Material:
Jack body
PA, UL94V-0
Isolierkörper
Shielding
Nickel plated brass
Schirmung
Contact
Contact area 30µ”Au/50µ”Ni
Kontakte
PCB
FR4, UL94V-0
Specifications:
Oper. Temp.:
-40°C ~ +120°C
Betriebstemp.
Durability:
1,500 mechanical cycles
Lebensdauer
Current Rating:
2.1A @ 70°C (power contacts)
Bemessungsstrom
Y-ConJack-13 / -23
Y-ConJack-14 / -24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42