| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S207C6T6C bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S207C6T6C bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 103 page ![]() STM8S207xx, STM8S208xx Option bytes Doc ID 14733 Rev 12 49/103 OPTBL BL[7:0] Bootloader option byte For STM8S products, this option is checked by the boot ROM code after reset. Depending on the content of addresses 0x487E, 0x487F, and 0x8000 (reset vector), the CPU jumps to the bootloader or to the reset vector. Refer to the UM0560 (STM8L/S bootloader manual) for more details. For STM8L products, the bootloader option bytes are on addresses 0xXXXX and 0xXXXX+1 (2 bytes). These option bytes control whether the bootloader is active or not. For more details, refer to the UM0560 (STM8L/S bootloader manual) for more details. Table 13. Option byte description (continued) Option byte no. Description |