| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STPS1L60 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS1L60 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 34 page ![]() AN3151 Short-circuit protection Doc ID 17051 Rev 1 29/34 Short-circuit protection is implemented by means of a simple external circuitry based on: ● Low-power quad voltage comparator (LM339) ● Quad 2 input AND gate(74HC08) The sensing signal is compared with an external reference set by a voltage divider providing an active low output on each string. The four outputs are in AND in order to have a single FAULT signal, which is an input managed by the microcontroller thanks to the TIM1_BKIN pin. When TIM1_BKIN input (Figure 4) is active, with a programmable polarity, the output stage control disables all channels in order to protect the hardware. Figure 21 shows a short-circuit event managed by the TIM1_BKIN. Figure 21. Short-circuit event |