| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BGA7204 bảng dữ liệu(PDF) 98 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BGA7204 bảng dữ liệu(HTML) 98 Page - NXP Semiconductors |
|
98 / 130 page ![]() 99 NXP Semiconductors RF Manual 16th edition 3.7.2 RF power transistors for broadcast / ISM applications Why choose NXP’s RF power transistors for broadcast / ISM applications: NXP's leading LDMOS technologies, together with advanced package concepts, enable power amplifiers that deliver best-in-class performance. We offer the industry’s highest power and best ruggedness for all broadcast technologies. Our portfolio includes transistors for Ultra High Frequency (UHF), Very High Frequency (VHF), and High Frequency (HF) applications and covers ISM frequency bands. ` Highest power ` Best ruggedness ` Best broadband performance ` Best-in-class design support ` Very low thermal resistance design for unrivalled reliability 3.7.2.1 0-1000 MHz (UHF/VHF/HF/ISM) LDMOS line-up Type Product f min (MHz) f max (MHz) P1dB (W) VDS (V) P L (W) η D (%) G p (dB) Test signal Package BLF571 Driver 10 500 20 50 20 70 27,5 CW SOT467C BLF645 Final 1 1400 100 32 100 56 18 CW SOT540A BLF871(S) 1 1000 100 40 100 60 21 CW SOT467 BLF647 1 800 300 32 150 60 12,5 CW SOT540A BLF572XR(S)* 10 500 200 50 200 70 24 pulsed SOT1121 BLF647P(S)* 10 1400 200 32 200 70 18 pulsed SOT1121 BLF573(S) 10 500 300 50 300 70 27.2 CW SOT502 BLF369 10 500 500 32 500 60 18 CW SOT800-2 BLF574 10 500 600 50 500 70 26.5 CW SOT539A BLF574XR(S)* 10 500 600 50 600 70 26 pulsed SOT539 BLF578 10 500 1200 50 1000 75 26 CW SOT539A BLF578XR(S)* 10 500 1400 50 1400 69 23 pulsed SOT539 BLF861A 470 860 150 32 150 60 14 CW SOT540A BLF174XR(S) 10 128 600 50 600 75 28 pulsed SOT539 BLF178XR(S) 10 128 1400 50 1400 72 29 pulsed SOT539 3.7.2.2 UHF 470-860 MHz LDMOS line-up Type Product f min (MHz) f max (MHz) P1dB (W) VDS (V) P L (W) η D (%) G p (dB) Test signal Package BLF642 Driver 1 1400 35 32 35 63 19 CW SOT467C BLF871(S) Final 1 1000 100 40 100 60 21 CW SOT467 BLF881(S) 1 1000 140 50 140 49 21 CW SOT467 BLF878 470 860 300 42 300 46 21 CW SOT979A BLF884P(S) 470 860 300 50 150 46 21 CW SOT1121 BLF879P 470 860 500 42 200 47 21 CW SOT539A BLF888 470 860 500 50 250 46 19 CW SOT979A BLF888A(S) 470 860 600 50 250 46 21 CW SOT539 BLF888B(S) 470 860 600 50 250 46 21 CW SOT539 3.7.2.3 2.45 GHz ISM LDMOS transistor line-up Type Product f min (MHz) f max (MHz) P1dB (W) VDS (V) P L (W) η D (%) G p (dB) Test signal Package BLF25M612(G) Driver 1 2500 12 28 12 60 19 CW SOT975 BLF2425M7L(S)140 Final 2400 2500 140 28 140 52 17.5 CW SOT502 BLF2425M6L(S)180P 2400 2500 180 28 180 55 12 CW SOT539 BLF2425M7L(S)200 2400 2500 200 28 200 52 15 CW SOT502 BLF2425M7L(S)250P 2400 2500 250 28 250 55 15 CW SOT539 Bold red = new, highly recommended product * Check status in section 3.1, as this type is not yet released for mass production |