| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATSHA204 bảng dữ liệu(PDF) 44 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATSHA204 bảng dữ liệu(HTML) 44 Page - ATMEL Corporation |
|
44 / 65 page ![]() Atmel ATSHA204 [DATASHEET] 44 8740D −CRYPTO−3/12 See the NIST HMAC specification for a complete description of how the various digests are calculated using SHA-256, the HMAC key, and appropriate padding. See http://csrc.nist.gov/publications/fips/fips198/fips-198a.pdf. The padding is part of the SHA-256 message (see Section 3.1). HMAC is a construct that sits on top of SHA-256. Table 8-19. Mode Encoding Bits Meaning 7 Must be zero. 6 If set, include the 48 bits SN[2:3] and SN[4:7] in the message. Otherwise, the corresponding message bits are set to zero. 5 Include the first 64 OTP bits (OTP[0] through OTP[7]) in the message. Otherwise, the corresponding message bits are set to zero. If Mode[4] is set, the value of this mode bit is ignored. 4 Include the first 88 OTP bits (OTP[0] through OTP[10]) in the message. Otherwise, the corresponding message bits are set to zero. 3 Must be zero. 2 The value of this bit must match the value in TempKey.SourceFlag or the command will return an error. 0-1 Must be zero. |