| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO7240CFDW bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ISO7240CFDW bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 31 page ![]() ISO7240CF, ISO7240C, ISO7240M ISO7241C, ISO7241M ISO7242C, ISO7242M www.ti.com SLLS868N – SEPTEMBER 2007 – REVISED JANUARY 2012 SWITCHING CHARACTERISTICS: VCC1 and VCC2 at 5-V OPERATION over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT tPLH, tPHL Propagation delay 18 42 ISO724xC ns PWD Pulse-width distortion(1) |tPHL – tPLH| 2.5 See Figure 1 tPLH, tPHL Propagation delay 10 23 ISO724xM ns PWD Pulse-width distortion(1) |tPHL – tPLH| 1 2 ISO724xC 8 tsk(pp) Part-to-part skew (2) ns ISO724xM 0 3 ISO724xC 2 tsk(o) Channel-to-channel output skew (3) ns ISO724xM 0 1 tr Output signal rise time 2 See Figure 1 ns tf Output signal fall time 2 tPHZ Propagation delay, high-level-to-high-impedance output 15 20 tPZH Propagation delay, high-impedance-to-high-level output 15 20 See Figure 2 ns tPLZ Propagation delay, low-level-to-high-impedance output 15 20 tPZL Propagation delay, high-impedance-to-low-level output 15 20 tfs Failsafe output delay time from input power loss See Figure 3 12 μs twake Wake time from input disable See Figure 4 15 μs 150 Mbps NRZ data input, Same tjit(pp) Peak-to-peak eye-pattern jitter ISO724xM polarity input on all channels, See 1 ns Figure 6 (1) Also referred to as pulse skew. (2) tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits. (3) tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the same direction while driving identical specified loads. Copyright © 2007–2012, Texas Instruments Incorporated 5 |