công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC6501P045VCT bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện TC6501P045VCT
Giải thích chi tiết về linh kiện  Adding Intelligence to Lighting Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6501P045VCT bảng dữ liệu(HTML) 5 Page - Microchip Technology

  TC6501P045VCT Datasheet HTML 1Page - Microchip Technology TC6501P045VCT Datasheet HTML 2Page - Microchip Technology TC6501P045VCT Datasheet HTML 3Page - Microchip Technology TC6501P045VCT Datasheet HTML 4Page - Microchip Technology TC6501P045VCT Datasheet HTML 5Page - Microchip Technology TC6501P045VCT Datasheet HTML 6Page - Microchip Technology TC6501P045VCT Datasheet HTML 7Page - Microchip Technology TC6501P045VCT Datasheet HTML 8Page - Microchip Technology TC6501P045VCT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.microchip.com/lighting
LED Lighting Solutions Design Guide
5
LED Lighting Solutions
MCP1650 Multiple White LED Demonstration Board
(MCP1650DM-LED2)
The MCP1650 Multiple White LED Demo
Board uses the MCP1650 IC to power the
nine white LEDs which are connected in
series. A PIC10F202 microcontroller in a
SOT-23 6-pin package is used to provide the
PWM signal to the MCP1650. It also accepts
a push button input that allows the user
to adjust the white LEDs to three different
intensities of 100%, 50% and 25%.
Literature on the Web
■ MCP1640/B/C/D Data Sheet, DS22234
■ MCP1650/51/52/53 Data Sheet, DS21876
■ MCP1650 Multiple White LED Demo Board
User’s Guide, DS51586
■ AN948 – Efficiently Powering Nine White LEDs
Using the MCP1650, DS00948
■ AN980 – Designing a Boost-Switching Regulator with
the MCP1650, DS00980
■ DG10 – Power Solutions Design Guide, DS21913
9 LEDs
33V/15 mA
OFF
ON
VBAT
+
-
VIN
FB
GND
NC
EXT
NC
CS
SHDN
MCP1650
Battery Operated Boost LED Driver Example Using the MCP1650
Driving LEDs with a SEPIC Regulator
The Single-Ended Primary Inductance Converter (SEPIC)
regulator topology uses an additional inductor, but provides
the following advantages for battery powered applications:
■ The converter can buck or boost as the input voltage
changes.
■ The circuit topology provides inherent short-circuit
protection due to the use of a coupling capacitor.
MCP1650 3W White LED Demonstration Board
(MCP1650DM-LED1)
Demonstrates the MCP165X Boost Controller
product family in a battery-powered white LED
application with an input voltage range of 2.0V
to 4.5V.
Literature on the Web
■ MCP1650 3W White LED Demo Board User’s Guide,
DS51513
4.5-2.0V
3W
LED
VBAT
+
-
VIN
LBO
GND
FB
EXT
LBI
CS
SHDN
MCP1651
OFF
ON
VBAT
VBAT
Low Battery
Warning
Battery Input to 3.6V 3W LED Driver (SEPIC Converter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com