công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ06GS202 bảng dữ liệu(PDF) 16 Page - Microchip Technology

tên linh kiện DSPIC33FJ06GS202
Giải thích chi tiết về linh kiện  Adding Intelligence to Lighting Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS202 bảng dữ liệu(HTML) 16 Page - Microchip Technology

Back Button DSPIC33FJ06GS202 Datasheet HTML 12Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 13Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 14Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 15Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 16Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 17Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 18Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 19Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LED Lighting Solutions Design Guide
www.microchip.com/lighting
LED Lighting Solutions
■ EUI-48™ and EUI-64™ enabled MAC address chips along
with Serial EEPROM functionality
■ A broad range of development tools to enhance the user’s
experience
Development Tools
DM320004 – PIC32 Ethernet Starter Kit
AC164123 – Ethernet PICtail™ Plus Daughter Board
AC164121 – Ethernet PICtail™ Daughter Board
DM240001 – Explorer 16 Development Board
DM163024 – PICDEM.net ™ 2 Development Board
Web Link
www.microchip.com/ethernet
CAN and LIN Protocols
Both the CAN and LIN protocols were originally created
for the automotive market. CAN was designed as a high
reliability and speed protocol (up to 1 Mbit/s) for the harsh
environment of the car electrical bus. LIN was later added
as a simple low cost alternative for the control of non-critical
modules on a vehicle. Both find occasional applications in
lighting.
Many of the PIC18F, PIC24H, PIC32 microcontrollers and
dsPIC DSCs include a complete CAN serial interface. The
MCP25XX series of peripheral interfaces includes several
CAN transceiver and CAN I/O expander devices.
All PIC microcontroller devices offering an EUSART module
(PIC18F devices and most recent PIC16F devices) offer
direct support for LIN bus connectivity with auto-baud rate
detection and specific low power features.
Automotive Ambient Lighting Module
Reference Design (APGRD004)
The Automotive Ambient Interior Lighting
Module Reference Design demonstrates
microcontroller-based control of RGB LED
devices. This module can be controlled
remotely by a master body controller via
a LIN bus. These modules are offered in a very compact
form-factor board and are comprised of a PIC12F615 MCU,
an MCP2021 LIN transceiver/voltage regulator, and RGB
LED. LIN commands are interpreted by the module to control
color mixing (16,383 colors) and intensity (1023 levels).
The kit ships with 4 modules to assign as lighting zones in
a LIN or J2602 network. These modules can also be used in
conjunction with the APGDT001 LIN Serial Analyzer to quickly
create a working LIN network straight out of the box.
Development Tools
DM163005 – PICDEM LIN Demonstration Board
DM163011 – PICDEM CAN-LIN 2 Demonstration Board
APGDT001 – LIN Serial Analyzer Tool
APGRD004 – Ref Design, Automotive Ambient Lighting
Literature on the Web
■ AN829 – LightKeeper Automotive Lighting Control
Module, DS00829
Web Links
www.microchip.com/can
www.microchip.com/lin
USB Interface
With the demise of the serial port, any application that
requires a connection with a personal computer has now
to be routed to the USB port. Some innovative lighting
applications occasionally require such a connection to be
established. Several models of PIC18F microcontrollers
incorporate a complete USB interface. Several interface
examples are offered to the designer to simplify the
transition from serial port to USB and to integrate the
application with existing Microsoft Windows®drivers.
Development Tools
DM163025 – PICDEM FS-USB Demonstration Board
DM320003-2 – PIC32 USB Starter Kit II
Web Link
www.microchip.com/usb
Ethernet Interface
Ethernet connectivity is becoming ubiquitous and most new
office and industrial building are being wired for Ethernet. As
lower cost solutions are becoming available it is increasingly
tempting to use Ethernet for even the simplest control and
diagnostic applications.
Microchip addresses the growing demand for a small
and low-cost embedded Ethernet solution by offering the
following:
■ PIC32MX6XX and PIC32MX7XX families with integrated
10/100 Ethernet MAC, dedicated DMA interface supports
packet scatter/gather for outstanding low CPU-overhead
performance at full 100 Megabit/seconds. Industry
standard RMII/MII interface, pre-programmed unique
MAC address. This family is fully compatible with
10/100/1000 Base-T networks
■ 10/100 Base-T ENC624J600 standalone Ethernet
controllers which are IEEE 802.3 compliant, integrated
with hardware cryptographic security engines and factory
preprogrammed unique MAC address. This family is fully
compatible with 10/100/1000 Base-T networks
■ 10 Base-T ENC28J60 standalone Ethernet controller and
the PIC18F97J60 family, which are IEEE 802.3 compliant
and fully compatible with 10/100/1000 Base-T networks
■ Free licensed and robust TCP/IP stack, which is optimized
for the PIC18, PIC24 and PIC32 microcontroller and dsPIC
digital signal controller families
MCU
INT, WOL
Ethernet Interface Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com