công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDS2C05HDMI2 bảng dữ liệu(PDF) 21 Page - EPCOS

tên linh kiện CDS2C05HDMI2
Giải thích chi tiết về linh kiện  High-speed series
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EPCOS [EPCOS]
Trang chủ  http://www.epcos.com
Logo EPCOS - EPCOS

CDS2C05HDMI2 bảng dữ liệu(HTML) 21 Page - EPCOS

Back Button CDS2C05HDMI2 Datasheet HTML 14Page - EPCOS CDS2C05HDMI2 Datasheet HTML 15Page - EPCOS CDS2C05HDMI2 Datasheet HTML 16Page - EPCOS CDS2C05HDMI2 Datasheet HTML 17Page - EPCOS CDS2C05HDMI2 Datasheet HTML 18Page - EPCOS CDS2C05HDMI2 Datasheet HTML 19Page - EPCOS CDS2C05HDMI2 Datasheet HTML 20Page - EPCOS CDS2C05HDMI2 Datasheet HTML 21Page - EPCOS CDS2C05HDMI2 Datasheet HTML 22Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Operation
Use CeraDiodes only within the specified operating temperature range.
Use CeraDiodes only within specified voltage and current ranges.
Environmental conditions must not harm a CeraDiode. Only use them in normal atmospheric
conditions. Reducing the atmosphere (e.g. hydrogen or nitrogen atmosphere) is prohibited.
Prevent a CeraDiode from contacting liquids and solvents. Make sure that no water enters a
CeraDiode (e.g. through plug terminals).
Avoid dewing and condensation.
EPCOS CeraDiodes are designed for encased applications. Under all circumstances avoid ex-
posure to:
direct sunlight
rain or condensation
steam, saline spray
corrosive gases
atmosphere with reduced oxygen content
EPCOS CeraDiodes are not suitable for switching applications or voltage stabilization where
static power dissipation is required.
CeraDiodes are designed for ESD protection only.
This listing does not claim to be complete, it merely reflects the experience of EPCOS AG.
CeraDiodes
High-speed series
Page 21 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22