| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS5000 bảng dữ liệu(PDF) 1 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5000 bảng dữ liệu(HTML) 1 Page - ams AG |
|
1 / 4 page ![]() AS5000-MA4X2H-1 Axial Magnet 4x2x1mm Bomatec #606416 Data Sheet 1 General Description The AS5000-4X2H-1 is an axial magnet used with the AS5510 linear encoder, in order to measure small linear displacements. The magnet is mounted on the top of the AS5510. The airgap depends on the desired resolution and displacement range for the end application. Figure 1. Linear Position Sensor with AS5510 + Magnet 2 Technical Specification 2.1 Magnetic Specification Table 1. Magnetic Specification Type Min. Nominal Unit Material NdFeB sintered, Ni-coated - Property Grade BMN-35H - Remanence Br 1.17 1.21 T Coercive Force HcB 860 907 kA/m Intrinsic Coercive Force HcJ 1353 - kA/m Max Energy Product (BH) max. 263 279 kJ/m³ Working Temperature - 120 °C Density 7.5 g/cm³ 2.2 Dimensions Figure 2. Mechanical Dimensions |
Số phần tương tự - AS5000 |
|
Mô tả tương tự - AS5000 |