công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGSF1N03LT3 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MGSF1N03LT3
Giải thích chi tiết về linh kiện  N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGSF1N03LT3 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MGSF1N03LT3 Datasheet HTML 1Page - Motorola, Inc MGSF1N03LT3 Datasheet HTML 2Page - Motorola, Inc MGSF1N03LT3 Datasheet HTML 3Page - Motorola, Inc MGSF1N03LT3 Datasheet HTML 4Page - Motorola, Inc MGSF1N03LT3 Datasheet HTML 5Page - Motorola, Inc MGSF1N03LT3 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MGSF1N03LT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 10 µAdc)
V(BR)DSS
30
Vdc
Zero Gate Voltage Drain Current
(VDS = 24 Vdc, VGS = 0 Vdc)
(VDS = 24 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
1.0
10
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
±100
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
VGS(th)
1.0
1.7
2.4
Vdc
Static Drain–to–Source On–Resistance
(VGS = 10 Vdc, ID = 1.2 Adc)
(VGS = 4.5 Vdc, ID = 1.0 Adc)
rDS(on)
0.08
0.125
0.09
0.135
Ohms
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 5.0 Vdc)
Ciss
100
pF
Output Capacitance
(VDS = 5.0 Vdc)
Coss
90
Transfer Capacitance
(VDG = 5.0 Vdc)
Crss
40
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(VDD = 15 Vdc, ID = 1.0 Adc,
RL = 50 Ω)
td(on)
2.5
ns
Rise Time
(VDD = 15 Vdc, ID = 1.0 Adc,
RL = 50 Ω)
tr
1.0
Turn–Off Delay Time
(VDD = 15 Vdc, ID = 1.0 Adc,
RL = 50 Ω)
td(off)
16
Fall Time
tf
8.0
Gate Charge (See Figure 6)
QT
6000
pC
SOURCE–DRAIN DIODE CHARACTERISTICS
Continuous Current
IS
0.6
A
Pulsed Current
ISM
0.75
Forward Voltage(2)
VSD
0.8
V
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Transfer Characteristics
Figure 2. On–Region Characteristics
0
1.5
2
0.5
1
1
1.5
2
2.5
3
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
VDS = 10 V
TJ = 150°C
25
°C
– 55
°C
3.5
2.5
0
2
4
10
0
1.5
2
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
6
0.5
8
1
2.5
3.25 V
2.75 V
VGS = 3.75 V
2.5 V
3.0 V
3.5 V



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com